PART |
Description |
Maker |
S87C652-5A44 S87C654-5A44 S87C654-4N40 S87C654-5B4 |
80C51 8-bit microcontroller 8K/16K/ 256 OTP/ I2C 80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44
|
Philips Semiconductors NXP Semiconductors N.V.
|
IS24C08-2 IS24C08-2G IS24C08-2GI IS24C08-2P IS24C0 |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit2-WIRESERIALCMOSEEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
|
ETC[ETC]
|
87C196JT AN87C196JQ AN87C196KR AN87C196JR AN87C196 |
Advanced 16-Bit CHMOS Microcontrollers Advanced 16-bit CHMOS microcontroller. EPROM 12K, Reg RAM 360, Code RAM 128, I/O 41 Advanced 16-bit CHMOS microcontroller. EPROM 16K, Reg RAM 488, Code RAM 256, I/O 56 Advanced 16-bit CHMOS microcontroller. EPROM 16K, Reg RAM 488, Code RAM 256, I/O 41 Advanced 16-bit CHMOS microcontroller. EPROM 48K, Reg RAM 1.5K, Code RAM 512, I/O 41
|
Intel
|
ZGP323LSH2804G ZGP323LAH2004G ZGP323LAH2808G ZGP32 |
IC Z8 GP MCU 4K OTP 28SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO28 IC Z8 GP MCU 4K OTP 20SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO20 IC Z8 GP MCU 8K OTP 28SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO28 IC Z8 GP MCU 32K OTP 28SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO28 IC Z8 GP MCU 4K OTP 20DIP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDIP20 IC Z8 GP MCU 16K OTP 48SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO48 IC Z8 GP MCU 16K OTP 28SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO28 IC Z8 GP MCU 32K OTP 20SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO20 IC Z8 GP MCU 8K OTP 20SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO20
|
ZiLOG, Inc.
|
AT90USB82 90USB82-16MU |
8-bit Microcontroller with 8/16K Bytes of ISP Flash
|
ATMEL Corporation
|
T89C51RB2-3CSCM T89C51RB2-RLTIL T89C51RB2-RLTIM T8 |
8-bit Microcontroller with 16K/ 32K Bytes Flash
|
http://
|
ZGP323LEH2032C ZGP323LSH2804C ZGP323LEH2816C ZGP32 |
IC Z8 GP MCU 32K OTP 20SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO20 IC Z8 GP MCU 4K OTP 28SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO28 IC Z8 GP MCU 16K OTP 28SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO28 IC Z8 GP MCU 8K OTP 48SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO48 IC Z8 GP MCU 8K OTP 40DIP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDIP40 IC Z8 GP MCU 8K OTP 20SOIC 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO20
|
ZiLOG, Inc.
|
ATMEGA169P07 ATMEGA169P |
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
|
ATMEL Corporation
|
ATMEGA16A ATMEGA16A-PU ATMEGA16A-AU ATMEGA16A-MU |
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
|
ATMEL Corporation
|
|